Part Number Hot Search : 
EGNTR N4148 CY7B99 SA130 AD85531 12N120 430450 MSZ5248
Product Description
Full Text Search
 

To Download SSR0510-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR0508-28 SSR0509-28 SSR0510-28
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
28 PIN CLCC
Designer's Data Sheet FEATURES: * Low Forward Voltage Drop * Low Reverse Leakage * Hermetically Sealed Surface Mount Package * Guard Ring for Overvoltage Protection * Ceramic Seals for Improved Hermeticity * Custom Lead Forming Available * Eutectic Die Attach * 175C Operating Junction Temperature Also Available in the following configurations:
* Common Cathode Centertap: SSR1010-28CT * Common Anode Centertap: SSR1010-28CA * Doubler: SSR0510-28D
*
TX, TXV, and Space Level Screening Available
Symbol SSR0508-28 SSR0509-28 SSR0510-28 VRRM VRWM VR IO IFSM TOP & Tstg RJC Value 80 90 100 5 200 -65 to +175 6.0
MAXIMUM RATINGS Peak Repetitive Reverse Voltage and DC Blocking Voltage
Units Volts Amps Amps
Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave, TA=25C) Peak Surge Current (8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to reach equilibrium between pulses, TA=25C) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case
C
C/W
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0183E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR0508-28 SSR0509-28 SSR0510-28
ELECTRICAL CHARACTERISTICS (Per Leg)
Instantaneous Forward Voltage Drop (TA = 25C, Pulse) Instantaneous Forward Voltage Drop (IF = 5 Amps, TA = -55C, Pulse) Reverse Leakage Current (Rated VR, TA = 25C, Pulse) Reverse Leakage Current (Rated VR, TA = 100C, Pulse) Junction Capacitance (VR =10 VDC, TA = 25C, f = 1 MHz) CASE OUTLINE: 28 PIN CLCC PIN OUT: PIN 5-11: CATHODE .040 x 45 CHAM PIN 1, 15-28: ANODE 3 PLACES PIN 2, 3, 13, 14: N/C
Note: For optimal performance, connect Anode pins 1 & 15-28 together and connect Cathode pins 5-11 together.
PIN 1
Symbol
IF = 1 Amps IF = 5 Amps VF1 VF2 VF3 IR1 IR2 CJ
Max
0.56 0.72 0.87 100 5 400
Unit
Volts Volts A mA pF
.450.008 SQ.
.010.001
.300
.035 .050 TYP .010 TYP .030 TYP PIN 1
.020 x 45 CHAM
.095 MAX.
28x .030 .300
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0183E
DOC


▲Up To Search▲   

 
Price & Availability of SSR0510-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X